Part Number Hot Search : 
FN2319 BA6287F1 P4SMA36A CBC3225T BFX48 HCT05 KAV99 X25057
Product Description
Full Text Search
 

To Download KTC1027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92lm ?? npn ?? silicon npn transistor in a to-92lm plastic package.  kta1023  complementary pair with kta1023. ??? high voltage application. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol o y h fe range 80~160 120~240 1 2 3
KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 120 v collector to emitter voltage v ceo 120 v emitter to base voltage v ebo 5.0 v collector current - continuous i c 800 ma emitter current - continuous i e -800 ma collector power dissipation p c 1.0 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =10ma i b =0 120 v collector to base breakdown v oltage v ebo i e =1ma i c =0 5.0 v collector cut-off current i cbo v cb =120v i e =0 0.1 a emitter cut-off current i ebo v eb =5v i c =0 0.1 a dc current gain h fe v ce =5.0v i c =100ma 80 240 collector to emitter saturation v oltage v ce(sat) i c =500ma i b =50ma 1.0 v base to emitter voltage v be v ce =5.0v i c =500ma 1.0 v transition frequency f t v ce =5.0v i c =100ma 120 mhz collector output capacitance c ob v cb =10v i e =0 f=1.0mhz 30 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? c1027  ??? o: ?h fe ? ****  ???? note: br: company code. c1027: product type. o: h fe classifications symbol ****: lot no. code,code change with lot no. br **** c1027 o
KTC1027 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:270 5 time:10 1 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92lm 1,000 8 8,000 5 40,000 135190 237172102 560245195 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92lm 2,500 1 100 10 25,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of KTC1027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X